Part Number Hot Search : 
03CHS1 03CHS1 LT102801 MQC02053 2VQ100 82LS135 2VQ100 SK313
Product Description
Full Text Search
 

To Download UVY1E102MED Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
VY
Wide Temperature Range
series
VZ
Smaller
One rank smaller case sizes than VZ series. Adapted to the RoHS directive (2002/95/EC).
VY
High Temperature
VK
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Performance Characteristics
- 55 ~ +105C (6.3 ~ 100V), - 40 ~ +105C (160 ~ 400V), - 25 ~ +105C (450V) 6.3 ~ 450V 0.1 ~ 68000F
20% at 120Hz, 20C
Rated voltage (V) 6.3 ~ 100 After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4 (A), whichever is greater. After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A), whichever is greater.
For capacitance of more than 1000F, add 0.02 for every increase of 1000F.
160 ~ 450
After 1 minute's application of rated voltage, CV < 1000 : I = 0.1CV+40 (A) or less = After 1 minute's application of rated voltage, CV > 1000 : I = 0.04CV+100 (A) or less Measurement frequency : 120Hz, Temperature : 20C
Leakage Current
tan
Rated voltage (V)
tan (MAX.)
6.3 0.28
10 0.24 6.3 5 10
16 0.20 10 4 8
25 0.16 16 3 6
35 0.14 25 2 4
50 0.12 35~ 50 2 3
63 0.10
100 0.08
160 ~ 250 350 ~ 450 0.20 0.25 400 6 10 450 15
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Impedance ratio Z- 25C / Z+20C ZT / Z20 (MAX.) Z- 40C / Z+20C
63~ 100 160 ~ 200 250 ~ 350 2 3 4 3 4 8
Endurance
After 1000 hours' application of rated voltage at 105C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on black sleeve.
Radial Lead Type
Sleeve (P.E.T.)
Type numbering system (Example : 10V 330F)
d
1 2 3 4 5 6 7 8 9 10 11
UVY 1 A 3 3 1 MED
MAX
P 0.5
D+
Configuration Capacitance tolerance (20%) Rated Capacitance (330F)
Pressure relief vent (6.3up)
Rated voltage (10V)
L+
MAX
15MIN
4MIN
Series name Type
(mm)
D P d
Configuration D 5 6.3 8 * 10 12.5 ~ 18 20 ~ 25
Pb-free leadwire Pb-free PET sleeve
5 2.0 0.5 0.5
6.3 2.5 0.5 0.5
8 3.5 0.6 0.5
10 5.0 0.6 0.5
12.5 5.0 0.6 0.5
16 7.5 0.8 0.5
18 7.5 0.8 0.5
20 10.0 1.0 0.5
22 10.0 1.0 1.0
25 12.5 1.0 1.0
DD ED PD HD RD
(L < 20) 1.5 (L 20) 2.0
* Please refer to page 21 about the end seal configulation.
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
VY
Cap.(F)
series
Dimensions
V
6.3 0J
10 1A
16 1C
25 1E
35 1V
50 1H 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 1.3 2.9 4.3 7 13 20 25 30 46 68 90 115 150 190 300 410 540 950 1410 1770 2100 2500 2850
63 1J
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 68 100 220 330 470 1000 2200 3300 4700 6800 10000 15000 22000 33000 47000 68000
Code 0R1
R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 680 101 221 331 471 102 222 332 472 682 103 153 223 333 473 683 8 x 11.5 390 635 840 1090 1350 1650 1820 2280 2500 2780 3070 6.3 x 11 6.3 x 11 10 x 16 10 x 12.5 5 x 11 155 210 250 460 705 1000 1260 1570 1820 2050 2420 3210 3570 6.3 x 11 6.3 x 11 8 x 11.5 190 225 315 500 710 1170 1500 1600 1930 2210 2710 3450 6.3 x 11 5 x 11 8 x 11.5 125 200 275 380 610 1090 1400 1570 1850 2000 2750 3250 6.3 x 11 6.3 x 11 8 x 11.5 5 x 11 93 110 150 250 350 460 810 1260 1500 1780 2000 2650 3100
6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5
5 x 11
71 100 120 155 200 335 510 640 930 1650 1950 2450 2800
6.3 x 11 6.3 x 11 8 x 11.5
10 x 16 12.5 x 20 12.5 x 25 16 x 25 10 x 20
10 x 12.5 12.5 x 25 16 x 25 16 x 25 18 x 40 22 x 40 25 x 50 16 x 35.5 10 x 20
10 x 12.5 12.5 x 25 16 x 25 16 x 25 18 x 40 22 x 50 25 x 50 16 x 35.5 10 x 16
10 x 12.5 12.5 x 20 16 x 25 16 x 31.5 16 x 35.5 18 x 40 22 x 50 25 x 50 10 x 16
10 x 12.5 10 x 16 12.5 x 25 10 x 20 16 x 31.5 18 x 35.5 20 x 40 22 x 50 25 x 50
10 x 16 12.5 x 20 16 x 25 20 x 40 22 x 50 25 x 50 10 x 20
12.5 x 20 12.5 x 25 16 x 31.5 16 x 35.5 22 x 50 25 x 50 18 x 40 16 x 25
18 x 35.5
16 x 31.5 18 x 35.5 20 x 40 22 x 50 25 x 50
Case size Rated D x L (mm) ripple
V Cap.(F)
100 2A 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 5 x 11 8 x 11.5 8 x 11.5 1.5 3.4 5.0 7.1 15 21 29 32 50 93 130 140 190 240 390 540 715 960 1750 2070
160 2C
200 2D 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 41 92 125 150 250 310 410 570 855 1350 10 x 16 12.5 x 20 12.5 x 25 16 x 25 18 x 40 22 x 40 16 x 35.5 10 x 20 1.5 3.3 5 11 16 25 30 35 57 105 140 195 250 320 500 675 925
250 2E
350 2V
400 2G
450 2W
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 68 100 220 330 470 1000 2200 3300
Code 0R1
R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 680 101 221 331 471 102 222 332
6.3 x 11 6.3 x 11 10 x 20 12.5 x 20 16 x 25 16 x 25 20 x 40 22 x 50 18 x 35.5 10 x 20 10 x 12.5
6.3 x 11 28 35 71 105 140 190 270 310 485 710 1000
6.3 x 11 21 30 39 64 105 170 210 285 370 540 710
6.3 x 11 8 x 11.5 8 x 11.5
8.5 14 27 34 42 64 140 170 200 240 310 460 8 x 11.5 20 28 32 27 100 125 155 185 200 250
8 x 11.5 8 x 11.5
10 x 12.5 10 x 16 12.5 x 20 12.5 x 25 16 x 31.5 18 x 35.5 18 x 40 25 x 50 10 x 20
8 x 11.5
8 x 11.5
12.5 x 20 12.5 x 25 16 x 25 16 x 25 22 x 50 25 x 50
10 x 12.5
10 x 12.5 12.5 x 25 16 x 25 16 x 25 16 x 31.5 18 x 35.5 22 x 50 10 x 16
10 x 12.5 10 x 12.5 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5 18 x 40 25 x 50 10 x 20
10 x 12.5 12.5 x 20 12.5 x 25 16 x 25 18 x 35.5 22 x 50 25 x 50 10 x 16
18 x 35.5
Case size Rated D x L (mm) ripple
Rated Ripple (mArms) at 105C 120Hz
Frequency coefficient of rated ripple current
V
Cap.(F) Frequency
6.3 ~ 100
160 ~ 450
00 ~ 68 100 ~ 470 1000 ~ 68000 0.1 ~ 220 330 ~ 1000
50Hz 0.75 0.80 0.85 0.80 0.90
120Hz 1.00 1.00 1.00 1.00 1.00
300Hz 1.35 1.23 1.10 1.25 1.10
1 kHz 1.57 1.34 1.13 1.40 1.13
10 kHz ~ 2.00 1.50 1.15 1.60 1.15
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UVY1E102MED

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X